Part Number Hot Search : 
MMBT5 1N4764 MAC16HCM YLT500VM SM4T30A 74F164A 29LV0 TA8488AF
Product Description
Full Text Search
 

To Download UUL1V470MCL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ALUMINUM ELECTROLYTIC CAPACITORS
UL
Chip Type, Long Life Assurance
series
Chip type with load life of 5000 hours at +105C. Designed for surface mounting on high density PC board. Adapted to the RoHS directive (2002/95/EC).
CB
Long Life
UL
Long Life
UA
Specifications
Item Category Temperature Range Rated Voltage Range Rated Capacitance Range Capacitance Tolerance Leakage Current tan Performance Characteristics
- 40 ~ +105C 6.3 ~ 50V 0.1 ~ 1000F 20% at 120Hz, 20C After 2 minutes' application of rated voltage, leakage current is not more than 0.01 CV or 3 (A), Max
Measurement frequency : 120Hz, Temperature : 20C Rated voltage (V) tan (MAX.)
6.3 0.32
10 0.24 6.3 4 10
16 0.20 10 3 7 16 2 5
25 0.16 25 2 3
35 0.13 35 2 3
50 0.12 50 2 3
Measurement frequency : 120Hz
Stability at Low Temperature
Rated voltage (V) Z- 25C / Z+20C Impedance ratio ZT / Z20 (MAX.) Z- 40C / Z+20C
Endurance
After 5000 hours' application of rated voltage at 105C , capacitors meet the characteristic requirements listed at right.
Capacitance change tan Leakage current
Within 30% of initial value 300% or less of initial specified value Initial specified value or less
Shelf Life Resistance to soldering heat Marking
After storing the capacitors under no load at 105C for 1000 hours, and after performing voltage treatment based on JIS C 5101-4 clause 4.1 at 20C, they will meet the specified value for endurance characteristics listed above. The capacitors shall be kept on the hot plate maintained at 250C Capacitance change Within 10% of initial value for 30 seconds. After removing from the hot plate and restored tan Initial specified value or less at room temperature, they meet the characteristic requirements Leakage current Initial specified value or less listed at right. Black print on the case top.
Chip Type
(4 ~ 6.3)
Plastic platform 0.3 MAX. 0.5 MAX. C0.2 Positive Series
Type numbering system (Example : 16V 100F)
1 2 3 4 5 6 7 8 9 10 11 12 13 14
Voltage (C : 16V)
UUL 1C 1 0 1 M CL 1GS
A0.2
D0.5
B0.2
Package code Configuration Capacitance tolerance (-20%) Rated Capacitance (100 F) Rated voltage (16V) Series name
D 4 ~ 6.3 8 10
n2 10C UL
E A0.2
Lot No.
Capacitance
L0.3 H
Negative
Code CL NL
(8 ~ 10 )
Voltage (V : 35V) Trade mark Plastic platform 0.3 MAX. C0.2
Type
Positive Series 0.5 MAX.
(mm)
A0.2 A0.2 DxL
D0.5
n2 100V UL
B0.2
4 x 5.8 1.8 4.3 4.3 1.0 5.8 0.5 ~ 0.8
5 x 5.8 2.1 5.3 5.3 1.3 5.8 0.5 ~ 0.8
6.3 x 5.8 2.4 6.6 6.6 2.2 5.8 0.5 ~ 0.8
6.3 x 7.7 2.4 6.6 6.6 2.2 7.7 0.5 ~ 0.8
8 x 10 2.9 8.3 8.3 3.1 10 0.8 ~ 1.1
10 x 10 3.2 10.3 10.3 4.5 10 0.8 ~ 1.1
E
A B C E L H
Lot No.
Capacitance
L0.5 Pressure relief vent H
Negative
Voltage V 6.3 Code j
10 A
16 C
25 E
35 V
50 H
Dimension table in next page.
CAT.8100V
ALUMINUM ELECTROLYTIC CAPACITORS
UL
Cap. (F)
series
Dimensions
V Code
6.3 0J
10 1A
16 1C
25 1E
35 1V
4 x 5.8 4 x 5.8 4 x 5.8 4 x 5.8 4 x 5.8 4 x 5.8 4 x 5.8 4 x 5.8 15 25 42 57 92 151 216 5 x 5.8 6.3 x 5.8 6.3 x 7.7 8 x 10 8 x 10 10 x 10
50 1H
1.0 2.6 3.2 3.8 6.2 11 14 19 30 49 77 92 151
0.1 0.22 0.33 0.47 1 2.2 3.3 4.7 10 22 33 47 100 220 330 470 1000
0R1 R22 R33 R47 010 2R2 3R3 4R7 100 220 330 470 101 221 331 471 102 5 x 5.8 5 x 5.8 6.3 x 5.8 6.3 x 7.7 8 x 10 10 x 10 10 x 10 35 36 60 101 160 254 313 5 x 5.8 5 x 5.8 6.3 x 5.8 6.3 x 7.7 8 x 10 10 x 10 10 x 10 30 35 50 81 141 238 254 4 x 5.8 5 x 5.8 6.3 x 5.8 6.3 x 5.8 6.3 x 7.7 10 x 10 10 x 10 10 x 10 18 30 48 50 81 216 238 254 5 x 5.8 6.3 x 5.8 6.3 x 5.8 6.3 x 7.7 8 x 10 10 x 10 10 x 10 25 42 48 63 116 216 238 5 x 5.8 6.3 x 5.8 6.3 x 7.7 8 x 10 10 x 10 10 x 10
Case size D x L (mm)
Rated ripple
Rated Ripple (mArms) at 105C 120Hz
Frequency coefficient of rated ripple current
Frequency Coefficient 50 Hz 0.70 120 Hz 1.00 300 Hz 1.17 1 kHz 1.36 10 kHz~ 1.50
Taping specifications are given in page 24. Recommended land size, soldering by reflow are given in page 25, 26. Please refer to page 3 for the minimum order quantity.
CAT.8100V


▲Up To Search▲   

 
Price & Availability of UUL1V470MCL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X